Part Number Hot Search : 
BAV19 SMZ47 BCW65A BV55C 50013 2405DH IRFEA240 SREC7PJ
Product Description
Full Text Search
 

To Download GBU8005-GBU810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU8005 thru GBU810 SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -200 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 8.0 Amperes GBU
.437(11.1) .430(10.9) .874(22.2) .860(21.8) .154(3.9) .146(3.7) .232(5.9) .224(5.7) .401(10.2) .392(9.80) .126(3.2)*45 CHAMFER .139(3.53) .133(3.37)
molded plastic technique
Plastic material has U/L
the flammability classification 94V-0
Mounting postition:Any
.752(19.1) .720(18.3) .073(1.85) .057(1.45)
.720(18.29) .680(17.27) .047(1.2) .035(0.9)
.100(2.54) .085(2.16) .080(2.03) .065(1.65) .106(2.7) .091(2.3)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.022(.56) .018(.46)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL GBU8005 GBU801 GBU802 GBU804 GBU806 GBU808 GBU810 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 8.0 3.2 200 1.1 10.0 500 166 60 2.2 -55 to +150 -55 to +150 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V A A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 311 ~
RATING AND CHARACTERTIC CURVES GBU8005 thru GBU810 SERIES
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 10 PEAK FORWARD SURGE CURRENT, AMPERES
WITH HEATSINK
200
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
8.0 6.0 4.0 2.0 0.00
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
150
WITHOUT HEATSINK
100
50 0 0 2 5
0.1 0
20
40
60
80
100
120
140
10
20
50
100
CASE TEMPERATURE, C
NUMBER OF CYCLETS AT 60Hz
FIG.4-TYPICAL FORWARD CHARACTERISTICS FIG.3-TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT, (A) 10
CAPACITANCE,(pF)
100
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ=125C
100
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 312 ~


▲Up To Search▲   

 
Price & Availability of GBU8005-GBU810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X